Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC5421 Fiches technique(PDF) 59 Page - Texas Instruments

No de pièce TMS320VC5421
Description  DIGITAL SIGNAL PROCESSOR
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5421 Fiches technique(HTML) 59 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 55Page - Texas Instruments TMS320VC5421 Datasheet HTML 56Page - Texas Instruments TMS320VC5421 Datasheet HTML 57Page - Texas Instruments TMS320VC5421 Datasheet HTML 58Page - Texas Instruments TMS320VC5421 Datasheet HTML 59Page - Texas Instruments TMS320VC5421 Datasheet HTML 60Page - Texas Instruments TMS320VC5421 Datasheet HTML 61Page - Texas Instruments TMS320VC5421 Datasheet HTML 62Page - Texas Instruments TMS320VC5421 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
TMS320VC5421
DIGITAL SIGNAL PROCESSOR
SPRS098 – DECEMBER 1999
59
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
ready timing for externally generated wait states
timing requirements for externally generated wait states [H = 0.5 tc(CO)]† (see Figure 26 and
Figure 27)
MIN
MAX
UNIT
tsu(RDY)
Setup time, READY before CLKOUT low
5
ns
th(RDY)
Hold time, READY after CLKOUT low
0
ns
tv(RDY)MSTRB Valid time, READY after MSTRB low‡
4H–8
ns
th(RDY)MSTRB Hold time, READY after MSTRB low‡
4H
ns
† The hardware wait states can be used only in conjunction with the software wait states to extend the bus cycles. To generate wait states by
READY, at least two software wait states must be programmed. READY is not sampled until the completion of the internal software wait states.
‡ These timings are included for reference only. The critical timings for READY are those referenced to CLKOUT
MSTRB
READY
PPA[18:0]
CLKOUT
th(RDY)
th(RDY)MSTRB
tv(RDY)MSTRB
Wait State
Generated
by READY
Wait States
Generated Internally
tsu(RDY)
Figure 26. Memory Read With Externally Generated Wait States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88