Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC3250 Fiches technique(PDF) 5 Page - Linear Technology

No de pièce LTC3250
Description  High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC3250 Fiches technique(HTML) 5 Page - Linear Technology

  LTC3250 Datasheet HTML 1Page - Linear Technology LTC3250 Datasheet HTML 2Page - Linear Technology LTC3250 Datasheet HTML 3Page - Linear Technology LTC3250 Datasheet HTML 4Page - Linear Technology LTC3250 Datasheet HTML 5Page - Linear Technology LTC3250 Datasheet HTML 6Page - Linear Technology LTC3250 Datasheet HTML 7Page - Linear Technology LTC3250 Datasheet HTML 8Page - Linear Technology LTC3250 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC3250-1.5/LTC3250-1.2
5
3250fa
VIN (Pin 1): Input Supply Voltage. Bypass VIN with a ≥1µF
low ESR ceramic capacitor.
GND (Pin 2): Ground. Connect to a ground plane for best
performance.
SHDN (Pin 3): Active Low Shutdown Input. A low voltage
on SHDN disables the LTC3250-1.5/LTC3250-1.2. SHDN
must not be allowed to float.
C(Pin 4): Flying Capacitor Negative Terminal
VOUT (Pin 5): Regulated Output Voltage. VOUT is discon-
nected from VIN during shutdown. Bypass VOUT with a
≥4.7µF low ESR ceramic capacitor (2.5µF min, ESR
<100m
Ω).
C+ (Pin 6): Flying Capacitor Positive Terminal.
PI FU CTIO S
BLOCK DIAGRA
3250 BD
3
1
2
6
5
4
THERMAL
SHUTDOWN
(>160
°C)
SWITCH
CONTROL
AND
SOFT-START
1.5MHz
OSCILLATOR
CHARGE
PUMP
BURST
DETECT
CIRCUIT
GND
SHDN
VIN
C+
C
VOUT
LTC3250-1.5/
LTC3250-1.2
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com