Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC3250 Fiches technique(PDF) 1 Page - Linear Technology

No de pièce LTC3250
Description  High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC3250 Fiches technique(HTML) 1 Page - Linear Technology

  LTC3250 Datasheet HTML 1Page - Linear Technology LTC3250 Datasheet HTML 2Page - Linear Technology LTC3250 Datasheet HTML 3Page - Linear Technology LTC3250 Datasheet HTML 4Page - Linear Technology LTC3250 Datasheet HTML 5Page - Linear Technology LTC3250 Datasheet HTML 6Page - Linear Technology LTC3250 Datasheet HTML 7Page - Linear Technology LTC3250 Datasheet HTML 8Page - Linear Technology LTC3250 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3250-1.5/LTC3250-1.2
1
3250fa
DESCRIPTIO
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
s
Handheld Computers
s
Cellular Phones
s
Digital Cameras
s
Handheld Medical Instruments
s
Low Power DSP Supplies
s
2.7V to 5.5V Input Voltage Range
s
No Inductors
s
Li-Ion (3.6V) to 1.5V with 81% Efficiency
s
Low Noise Constant Frequency Operation
s
Output Voltages: 1.5V
±4%, 1.2V ±4%
s
Output Current: 250mA
s
Shutdown Disconnects Load from VIN
s
Low Operating Current: IQ = 35µA
s
Low Shutdown Current: ISD < 1µA
s
Oscillator Frequency = 1.5MHz
s
Soft-Start Limits Inrush Current at Turn-On
s
Short-Circuit and Overtemperature Protected
s
Low Profile (1mm) SOT-23 Package
High Efficiency, Low Noise,
Inductorless Step-Down
DC/DC Converter
3250 TA1a
LTC3250-1.5
VIN
VIN
3.2V TO 4.2V
SHDN
C+
C
VOUT
GND
ON
OFF
1
µF
4.7
µF
VOUT = 1.5V ± 4%
100mA
Li-Ion
1
µF
Efficiency vs Input Voltage
(IOUT = 100mA)
The LTC
®3250-1.5/LTC3250-1.2 are charge pump step-
down DC/DC converters that produce a 1.5V or 1.2V
regulated output from a 2.7V to 5.5V input. The parts use
switched capacitor fractional conversion to achieve typi-
cal efficiency two times higher than that of a linear regu-
lator. No inductors are required.
A unique constant frequency architecture provides a low
noise regulated output as well as lower input noise
than conventional charge pump regulators.* High
frequency operation (fOSC = 1.5MHz) simplifies filtering
to further reduce conducted noise. The part also uses
Burst Mode
® operation to improve efficiency at light loads.
Low operating current (35
µA with no load, <1µA in
shutdown) and low external parts count (three small
ceramic capacitors) make the LTC3250-1.5/LTC3250-1.2
ideally suited for space constrained battery powered appli-
cations. The parts are short-circuit and overtemperature
protected, and are available in a low profile (1mm) 6-pin
ThinSOT
TM package.
VIN (V)
3.0
3.5
4.0
4.5
5.0
5.5
3250 TA01b
100
90
80
70
60
50
40
30
20
10
0
LDO
LTC3250-1.5
Li-Ion to 1.5V Output with Shutdown
, LTC and LT are registered trademarks of Linear Technology Corporation
Burst Mode is a registered trademark of Linear Technology Corporation
ThinSOT is a trademark of Linear Technology Corporation.
*U.S. Patent #6, 411, 531


Numéro de pièce similaire - LTC3250

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC3250 LINER-LTC3250 Datasheet
268Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
LTC3250 LINER-LTC3250 Datasheet
196Kb / 12P
High Voltage, Low Quiescent Current
logo
Analog Devices
LTC3250 AD-LTC3250 Datasheet
1Mb / 14P
High Voltage Boost Charge Pump
logo
Linear Technology
LTC3250-1 LINER-LTC3250-1 Datasheet
268Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
LTC3250-1.2 LINER-LTC3250-1.2 Datasheet
196Kb / 12P
High Voltage, Low Quiescent Current
More results

Description similaire - LTC3250

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC3251 LINER-LTC3251 Datasheet
439Kb / 16P
500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-15 LINER-LTC1911-15 Datasheet
194Kb / 12P
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5 Datasheet
209Kb / 12P
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250-1.2 LINER-LTC3250-1.2_15 Datasheet
331Kb / 12P
High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3250-1.5 LINER-LTC3250-1.5_15 Datasheet
331Kb / 12P
High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5_15 Datasheet
215Kb / 12P
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.8 LINER-LTC1911-1.8_15 Datasheet
215Kb / 12P
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3251 LINER-LTC3251_15 Datasheet
379Kb / 16P
500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251-1.2 LINER-LTC3251-1.2_15 Datasheet
379Kb / 16P
500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3251-1.5 LINER-LTC3251-1.5_15 Datasheet
379Kb / 16P
500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com