Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC3250 Fiches technique(PDF) 12 Page - Linear Technology

No de pièce LTC3250
Description  High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC3250 Fiches technique(HTML) 12 Page - Linear Technology

Back Button LTC3250 Datasheet HTML 4Page - Linear Technology LTC3250 Datasheet HTML 5Page - Linear Technology LTC3250 Datasheet HTML 6Page - Linear Technology LTC3250 Datasheet HTML 7Page - Linear Technology LTC3250 Datasheet HTML 8Page - Linear Technology LTC3250 Datasheet HTML 9Page - Linear Technology LTC3250 Datasheet HTML 10Page - Linear Technology LTC3250 Datasheet HTML 11Page - Linear Technology LTC3250 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC3250-1.5/LTC3250-1.2
12
3250fa
PART NUMBER
DESCRIPTION
COMMENTS
LTC1514
50mA, 650kHz, Step Up/Down Charge Pump
VIN: 2.7V to 10V, VOUT: 3V/5V,
with Low Battery Comparator
Regulated Output, IQ: 60µA, ISD: 10µA, S8 Package
LTC1515
50mA, 650kHz, Step Up/Down Charge Pump
VIN: 2.7V to 10V, VOUT: 3.3V or 5V,
with Power On Reset
Regulated Output, IQ: 60µA, ISD: <1µA, S8 Package
LT1776
500mA (IOUT), 200kHz, High Efficiency Step-Down
90% Efficiency, VIN: 7.4V to 40V, VOUT(MIN): 1.24V,
DC/DC Converter
IQ: 3.2mA, ISD: 30µA, N8,S8 Packages
LTC1911-1.5/LTC1911-1.8 250mA,1.5MHz, High Efficiency Step-Down
75% Efficiency, VIN: 2.7V to 5.5V, VOUT: 1.5V/1.8V,
Charge Pump
Regulated Output, IQ: 180µA, ISD: 10µA, MS8 Package
LTC3251
500mA, Spread Spectrum, High Efficiency
Up to 90% Efficiency, VIN: 2.7V to 5.5V, VOUT: 0.9V to 1.6V,
Step-Down Charge Pump
Regulated Output, IQ: 9µA, ISD: <1µA, MS Package
LTC3252
Dual 250mA (IOUT), Spread Spectrum, Inductorless (CS),
Up to 90% Efficiency, VIN: 2.7V to 5.5V, VOUT: 0.9V to 1.6V,
Step-Down DC/DC Converter
IQ: 60µA, ISD: <1µA, DFN Package
LTC3405/LTC3405A
300mA (IOUT), 1.5MHz, Synchronous Step-Down
95% Efficiency, VIN: 2.7V to 6V, VOUT(MIN): 0.8V,
DC/DC Converter
IQ: 20µA, ISD: <1µA, ThinSOT Package
LTC3406/LTC3406B
600mA (IOUT), 1.5MHz, Synchronous Step-Down
95% Efficiency, VIN: 2.5 to 5.5V, VOUT(MIN): 0.6V,
DC/DC Converter
IQ: 20µA, ISD: <1µA, ThinSOT Package
LTC3411
1.25A (IOUT), 4MHz, Synchronous Step-Down
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 0.8V,
DC/DC Converter
IQ: 60µA, ISD: <1µA, MS Package
LTC3412
2.5A (IOUT), 4MHz, Synchronous Step-Down
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN): 0.8V,
DC/DC Converter
IQ: 60µA, ISD: <1µA, TSSOP16E Package
LTC3440
600mA (IOUT), 2MHz, Synchronous Buck-Boost
95% Efficiency, VIN: 2.5V to 5.5V, VOUT: 2.5V to 5.5V,
DC/DC Converter
IQ: 25µA, ISD: <1µA, MS Package
LTC3441
1.2A (IOUT), 1MHz, Synchronous Buck-Boost
95% Efficiency, VIN: 2.4V to 5.5V, VOUT: 2.4V to 5.25V,
DC/DC Converter
IQ: 25µA, ISD: <1µA, DFN Package
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2001
LT/TP 1203 1K REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO
3250-1.5 TA04
VIN
MODE
SHDN
RT
GND
OUT
SW1
SW2
FB
VC
LTC3440
7
2
8
1
5
6
3
4
9
10
10
µH
VIN
SHDN
GND
VOUT
C+
C
LTC3200-5
340k
200k
VIN
SHDN
C2+
C2
OUT
C1+
C1
GND
LTC1911-1.8
VIN
OUT
C+
C
SHDN
GND
LTC3250-1.5
10
µF
1
µF
1
µF
1
µF
1
µF
1
µF
22
µF
10
µF
4.7
µF
1
µF
10
µF
1
µF
ON
OFF
Li-Ion
5V
100mA
3.3V
500mA
1.8V
250mA
1.5V
250mA
300pF
120k
60k
5
3
2
1
6
4
1
8
2
3
6
7
5
4
5
6
4
1
3
2
Multiple High Efficiency Outputs from Single Li-Ion Battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com