Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC3250 Fiches technique(PDF) 9 Page - Linear Technology

No de pièce LTC3250
Description  High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC3250 Fiches technique(HTML) 9 Page - Linear Technology

Back Button LTC3250 Datasheet HTML 4Page - Linear Technology LTC3250 Datasheet HTML 5Page - Linear Technology LTC3250 Datasheet HTML 6Page - Linear Technology LTC3250 Datasheet HTML 7Page - Linear Technology LTC3250 Datasheet HTML 8Page - Linear Technology LTC3250 Datasheet HTML 9Page - Linear Technology LTC3250 Datasheet HTML 10Page - Linear Technology LTC3250 Datasheet HTML 11Page - Linear Technology LTC3250 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC3250-1.5/LTC3250-1.2
9
3250fa
OPERATIO
(Refer to Simplified Block Diagram)
Figure 3. Maximum Power Dissipation vs Ambient Temperature
Thermal Management
For higher input voltages and maximum output current
there can be substantial power dissipation in the
LTC3250-1.5/LTC3250-1.2. If the junction temperature
increases above approximately 160
°C the thermal shut-
down circuitry will automatically deactivate the output. To
reduce the maximum junction temperature, a good ther-
mal connection to the PC board is recommended. Con-
necting the GND pin (Pin 2) to a ground plane, and
maintaining a solid ground plane under the device can
reduce the thermal resistance of the package and PC board
considerably.
Derating Power at Higher Temperatures
To prevent an overtemperature condition in high power
applications Figure 3 should be used to determine the
maximum combination of ambient temperature and power
dissipation. The power dissipated in the LTC3250-1.5/
LTC3250-1.2 should always fall under the line shown (i.e.
within the safe region) for a given ambient temperature.
The power dissipated in the LTC3250-1.5/LTC3250-1.2 is
given by the expression:
P
V
VI
D
IN
OUT
OUT
=


2
This derating curve assumes a maximum thermal resis-
tance,
θJA , of 175°C/W for the 6-pin ThinSOT-23. This
thermal resistances can be achieved from a printed circuit
board layout with a solid ground plane (2000mm2)on at
least one layer with a good thermal connection to the
ground pin of the LTC3250-1.5/LTC3250-1.2. Operation
outside of this curve will cause the junction temperature to
exceed 140
°C which may trigger the thermal shutdown
circuitry and ultimately reduce the life of the device.
AMBIENT TEMPERATURE (
°C)
–50
–25
025
50
3250 • F03
75
100
θJA = 175°C/W
TJ = 140°C
1.2
1.0
0.8
0.6
0.4
0.2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com