Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC3250 Fiches technique(PDF) 7 Page - Linear Technology

No de pièce LTC3250
Description  High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC3250 Fiches technique(HTML) 7 Page - Linear Technology

Back Button LTC3250 Datasheet HTML 3Page - Linear Technology LTC3250 Datasheet HTML 4Page - Linear Technology LTC3250 Datasheet HTML 5Page - Linear Technology LTC3250 Datasheet HTML 6Page - Linear Technology LTC3250 Datasheet HTML 7Page - Linear Technology LTC3250 Datasheet HTML 8Page - Linear Technology LTC3250 Datasheet HTML 9Page - Linear Technology LTC3250 Datasheet HTML 10Page - Linear Technology LTC3250 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC3250-1.5/LTC3250-1.2
7
3250fa
current. For an ideal 2 to 1 step-down charge pump the
power efficiency is given by:
η≡
=
=
P
P
VI
VI
V
V
OUT
IN
OUT
OUT
IN
OUT
OUT
IN
1
2
2
The switching losses and quiescent current of the
LTC3250-1.5/LTC3250-1.2 are designed to minimize effi-
ciency loss over the entire output current range, causing
only a couple % error from the theoritical efficiency. For
example with VIN = 3.6V, IOUT = 100mA and VOUT regulat-
ing to 1.5V the measured efficiency is 80.6% which is in
close agreement with the theoretical 83.3% calculation.
VOUT Capacitor Selection
The ESR and value of capacitors used with the LTC3250-
1.5/LTC3250-1.2 determine several important parameters
such as regulator control loop stability, output ripple, and
charge pump strength.
The value of COUT directly controls the amount of output
ripple for a given load current. Increasing the size of COUT
will reduce the output ripple.
To reduce output noise and ripple, it is suggested that a
low ESR (<0.1
Ω) ceramic capacitor (4.7µF or greater) be
used for COUT. Tantalum and aluminum capacitors are not
recommended because of their high ESR.
Both ESR and value of the COUT can significantly affect the
stability of the LTC3250-1.5/LTC3250-1.2. As shown in
the block diagram, the LTC3250-1.5/LTC3250-1.2 use a
control loop to adjust the strength of the charge pump to
match the current required at the output. The error signal
of this loop is stored directly on the output charge storage
capacitor. Thus the charge storage capacitor also serves
to form the dominant pole for the control loop. To prevent
ringing or instability it is important for the output capacitor
to maintain at least 2.5
µF of capacitance over all condi-
tions (see “Ceramic Capacitor Selection Guidelines” sec-
tion).
Likewise excessive ESR on the output capacitor will tend
to degrade the loop stability of the LTC3250-1.5/LTC3250-
1.2. The closed-loop output resistance is designed to be
0.15
Ω for the LTC3250-1.5 and 0.12Ω for the
LTC3250-1.2. For a 250mA load current change the output
voltage will change by about 37mV for the LTC3250-1.5
and by 30mV for the LTC 3250-1.2. If the ESR of the output
capacitor is greater than the closed-loop-output imped-
ance the part will cease to roll-off in a simple one-pole
fashion and poor load transient response or instability
could result. Ceramic capacitors typically have excep-
tional ESR performance and combined with a tight board
layout should yield excellent stability and load transient
performance.
Further output noise reduction can be achieved by filtering
the LTC3250-1.5/LTC3250-1.2 output through a very small
series inductor as shown in Figure 1. A 10nH inductor will
OPERATIO
(Refer to Simplified Block Diagram)
reject the fast output transients, thereby presenting a
nearly constant output voltage. For economy the 10nH
inductor can be fabricated on the PC board with about 1cm
(0.4") of PC board trace.
VIN Capacitor Selection
The constant frequency architecture used by the
LTC3250-1.5/LTC3250-1.2 makes input noise filtering
much less demanding than conventional charge pump
regulators. On a cycle by cycle basis, the LTC3250-1.5/
LTC3250-1.2 input current will go from IOUT/2 to 0mA.
Lower ESR will reduce the voltage steps caused by chang-
ing input current, while the absolute capacitor value will
determine the level of ripple. For optimal input noise and
ripple reduction, it is recommended that a low ESR 1
µF or
greater ceramic capacitor be used for CIN (see “Ceramic
Capacitor Selection Guidelines” section). Aluminum and
tantalum capacitors are not recommended because of
their high ESR.
Figure 1. 10nH Inductor Used for
Additional Output Noise Reduction
3250 F01
LTC3250-1.5/
LTC3250-1.2
VOUT
GND
4.7
µF
0.22
µF
VOUT
10nH
(TRACE INDUCTANCE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com