Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3003 Fiches technique(PDF) 178 Page - Renesas Technology Corp

No de pièce H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Fiches technique(HTML) 178 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 174Page - Renesas Technology Corp H8/3003 Datasheet HTML 175Page - Renesas Technology Corp H8/3003 Datasheet HTML 176Page - Renesas Technology Corp H8/3003 Datasheet HTML 177Page - Renesas Technology Corp H8/3003 Datasheet HTML 178Page - Renesas Technology Corp H8/3003 Datasheet HTML 179Page - Renesas Technology Corp H8/3003 Datasheet HTML 180Page - Renesas Technology Corp H8/3003 Datasheet HTML 181Page - Renesas Technology Corp H8/3003 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 715 page
background image
7.3.3 Pseudo-Static RAM Refresh Control
Refresh Request Interval and Refresh Cycle Execution: The refresh request interval is
determined as in a DRAM interface, by the settings of RTCOR and bits CKS2 to CKS0 in
RTMCSR. The numbers of states required for pseudo-static RAM read/write cycles and refresh
cycles are the same as for DRAM (see table 7-4). The state transitions are as shown in figure 7-3.
Pseudo-Static RAM Control Signals: Figure 7-15 shows the control signals for pseudo-static
RAM read, write, and refresh cycles.
Figure 7-15 Pseudo-Static RAM Control Signal Output Timing
ø
CS
RD
HWR
LWR
RFSH
AS
3
Read cycle
Write cycle *
Refresh cycle
Area 3 top address
Note:
16-bit access
*
Address
bus
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More