Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3003 Fiches technique(PDF) 89 Page - Renesas Technology Corp

No de pièce H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Fiches technique(HTML) 89 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 85Page - Renesas Technology Corp H8/3003 Datasheet HTML 86Page - Renesas Technology Corp H8/3003 Datasheet HTML 87Page - Renesas Technology Corp H8/3003 Datasheet HTML 88Page - Renesas Technology Corp H8/3003 Datasheet HTML 89Page - Renesas Technology Corp H8/3003 Datasheet HTML 90Page - Renesas Technology Corp H8/3003 Datasheet HTML 91Page - Renesas Technology Corp H8/3003 Datasheet HTML 92Page - Renesas Technology Corp H8/3003 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 715 page
background image
4.4 Trap Instruction
Trap instruction exception handling starts when a TRAPA instruction is executed. If the UE bit is
set to 1 in the system control register (SYSCR), the exception handling sequence sets the I bit to 1
in CCR. If the UE bit is 0, the I and UI bits are both set to 1. The TRAPA instruction fetches a
start address from a vector table entry corresponding to a vector number from 0 to 3, which is
specified in the instruction code.
4.5 Stack Status after Exception Handling
Figure 4-5 shows the stack after completion of trap instruction exception handling and interrupt
exception handling.
Figure 4-5 Stack after Completion of Exception Handling
SP
PC
Note: In modes 1 and 2 only 20 PC bits are valid; the upper 4 bits are ignored.
CCR
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More