| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3003 Fiches technique(PDF) 174 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Fiches technique(HTML) 174 Page - Renesas Technology Corp |
|
174 / 715 page ![]() Example 3: Connection to 2 CAS 4-Mbit DRAM (16-Mbyte Mode): Figure 7-11 shows typical interconnections to a single 2 CAS 4-Mbit DRAM, and the corresponding address map. Figure 7-12 shows a setup procedure to be followed by a program for this example. The DRAM in this example has 9-bit row addresses and 9-bit column addresses. Its address area is H'600000 to H'67FFFF. Figure 7-11 Interconnections and Address Map for 2 CAS 4-Mbit DRAM (Example) A A A A A A A A A 9 8 7 6 5 4 3 2 1 CS HWR LWR RD 3 D to D 0 A A A A A A A A A 8 7 6 5 4 3 2 1 0 RAS UCAS LCAS WE OE I/O to I/O 15 0 15 H'600000 H'67FFFF H'680000 H'7FFFFF H8/3003 2 4-Mbit DRAM with 9-bit row address, 9-bit column address, and 16-bit organization CAS × a. Interconnections (example) b. Address map DRAM area Not used Area 3 (16-Mbyte mode) 156 |