Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3003 Fiches technique(PDF) 95 Page - Renesas Technology Corp

No de pièce H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Fiches technique(HTML) 95 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 91Page - Renesas Technology Corp H8/3003 Datasheet HTML 92Page - Renesas Technology Corp H8/3003 Datasheet HTML 93Page - Renesas Technology Corp H8/3003 Datasheet HTML 94Page - Renesas Technology Corp H8/3003 Datasheet HTML 95Page - Renesas Technology Corp H8/3003 Datasheet HTML 96Page - Renesas Technology Corp H8/3003 Datasheet HTML 97Page - Renesas Technology Corp H8/3003 Datasheet HTML 98Page - Renesas Technology Corp H8/3003 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 715 page
background image
Bit 3—User Bit Enable (UE): Selects whether to use the UI bit in CCR as a user bit or an
interrupt mask bit.
Bit 3
UE
Description
0
UI bit in CCR is used as interrupt mask bit
1
UI bit in CCR is used as user bit
(Initial value)
Bit 2—NMI Edge Select (NMIEG): Selects the NMI input edge.
Bit 2
NMIEG
Description
0
Interrupt is requested at falling edge of NMI input
(Initial value)
1
Interrupt is requested at rising edge of NMI input
5.2.2 Interrupt Priority Registers A and B (IPRA, IPRB)
IPRA and IPRB are 8-bit readable/writable registers that control interrupt priority.
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More