| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3003 Fiches technique(PDF) 96 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Fiches technique(HTML) 96 Page - Renesas Technology Corp |
|
96 / 715 page ![]() Interrupt Priority Register A (IPRA): IPRA is an 8-bit readable/writable register in which interrupt priority levels can be set. IPRA is initialized to H'00 by a reset and in hardware standby mode. Bit Initial value Read/Write 7 IPRA7 0 R/W 6 IPRA6 0 R/W 5 IPRA5 0 R/W 4 IPRA4 0 R/W 3 IPRA3 0 R/W 0 IPRA0 0 R/W 2 IPRA2 0 R/W 1 IPRA1 0 R/W Priority level A7 Selects the priority level of IRQ interrupt requests Priority level A3 Selects the priority level of WDT and refresh controller interrupt requests Priority level A2 Selects the priority level of ITU channel 0 interrupt requests Priority level A1 Selects the priority level of ITU channel 1 interrupt requests Priority level A0 Selects the priority level of ITU channel 2 interrupt requests Selects the priority level of IRQ interrupt requests Priority level A6 Selects the priority level of IRQ and IRQ interrupt requests Priority level A5 Selects the priority level of IRQ to IRQ interrupt requests Priority level A4 0 1 23 47 78 |