Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3003 Fiches technique(PDF) 181 Page - Renesas Technology Corp

No de pièce H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Fiches technique(HTML) 181 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 177Page - Renesas Technology Corp H8/3003 Datasheet HTML 178Page - Renesas Technology Corp H8/3003 Datasheet HTML 179Page - Renesas Technology Corp H8/3003 Datasheet HTML 180Page - Renesas Technology Corp H8/3003 Datasheet HTML 181Page - Renesas Technology Corp H8/3003 Datasheet HTML 182Page - Renesas Technology Corp H8/3003 Datasheet HTML 183Page - Renesas Technology Corp H8/3003 Datasheet HTML 184Page - Renesas Technology Corp H8/3003 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 715 page
background image
Example: Pseudo-static RAM may have separate
OE and RFSH pins, or these may be combined
into a single
OE/RFSH pin. Figure 7-17 shows an example of a circuit for generating an
OE/RFSH signal. Check the device characteristics carefully, and design a circuit that fits them.
Figure 7-18 shows a setup procedure to be followed by a program.
Figure 7-17 Interconnection to Pseudo-Static RAM with
OE/RFSH Signal (Example)
LSI
PSRAM
RD
RFSH
OE RFSH
/
163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More