| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3003 Fiches technique(PDF) 392 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Fiches technique(HTML) 392 Page - Renesas Technology Corp |
|
392 / 715 page ![]() Contention between Buffer Register Write and Input Capture: If a buffer register is used for input capture buffering and an input capture signal occurs in the T3 state of a write cycle, input capture takes priority and the write to the buffer register is not performed. See figure 10-69. Figure 10-69 Contention between Buffer Register Write and Input Capture ø Address Internal write signal Input capture signal GR BR BR address Buffer register write cycle T1 T2 T3 NX MN TCNT value 374 |