| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3003 Fiches technique(PDF) 388 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Fiches technique(HTML) 388 Page - Renesas Technology Corp |
|
388 / 715 page ![]() Contention between TCNT Write and Overflow or Underflow: If an overflow occurs in the T3 state of a TCNT write cycle, writing takes priority and the counter is not incremented. OVF is set to 1.The same holds for underflow. See figure 10-65. Figure 10-65 Contention between TCNT Write and Overflow ø Address Internal write signal TCNT input clock Overflow signal TCNT OVF H'FFFF TCNT address M TCNT write data TCNT write cycle T1 T2 T3 370 |