Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3003 Fiches technique(PDF) 393 Page - Renesas Technology Corp

No de pièce H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Fiches technique(HTML) 393 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 389Page - Renesas Technology Corp H8/3003 Datasheet HTML 390Page - Renesas Technology Corp H8/3003 Datasheet HTML 391Page - Renesas Technology Corp H8/3003 Datasheet HTML 392Page - Renesas Technology Corp H8/3003 Datasheet HTML 393Page - Renesas Technology Corp H8/3003 Datasheet HTML 394Page - Renesas Technology Corp H8/3003 Datasheet HTML 395Page - Renesas Technology Corp H8/3003 Datasheet HTML 396Page - Renesas Technology Corp H8/3003 Datasheet HTML 397Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 715 page
background image
Note on Synchronous Preset: When channels are synchronized, if a TCNT value is modified by
byte write access, all 16 bits of all synchronized counters assume the same value as the counter
that was addressed.
(Example) When channels 2 and 3 are synchronized
Note on Setup of Reset-Synchronized PWM Mode and Complementary PWM Mode: When
setting bits CMD1 and CMD0 in TFCR, take the following precautions:
•
Write to bits CMD1 and CMD0 only when TCNT3 and TCNT4 are stopped.
•
Do not switch directly between reset-synchronized PWM mode and complementary PWM
mode. First switch to normal mode (by clearing bit CMD1 to 0), then select reset-
synchronized PWM mode or complementary PWM mode.
• Byte write to channel 2 or byte write to channel 3
TCNT2
TCNT3
W
Y
X
Z
TCNT2
TCNT3
A
A
X
X
TCNT2
TCNT3
Y
Y
A
A
TCNT2
TCNT3
W
Y
X
Z
TCNT2
TCNT3
A
A
B
B
• Word write to channel 2 or word write to channel 3
Upper byte Lower byte
Upper byte Lower byte
Upper byte Lower byte
Upper byte Lower byte
Upper byte Lower byte
Write A to upper byte
of channel 2
Write A to lower byte
of channel 3
Write AB word to
channel 2 or 3
375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More