| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 207 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 207 Page - Renesas Technology Corp |
|
207 / 712 page ![]() 7. I/O Ports Rev.2.00 Mar. 22, 2007 Page 183 of 684 REJ09B0352-0200 Pin Pin Functions and Selection Method PB 0/TP8/ TIOCA 3 ITU channel 3 settings (bit CMD1 in TFCR, bit EA3 in TOER, bit PWM3 in TMDR, and bits IOA2 to IOA0 in TIOR3), bit NDER8 in NDERB, and bit PB 0DDR in PBDDR select the pin function as follows ITU channel 3 settings (1) in table below (2) in table below PB 0DDR — 0 1 1 NDER8 — — 0 1 Pin TIOCA 3 output PB 0 input PB 0 output TP 8 output function TIOCA 3 input* Note: * TIOCA 3 input when CMD1 = PWM3 = 0 and IOA2 = 1. ITU channel 3 settings (2) (2) (1) (2) (1) EA3 0 1 CMD1 — 0 1 PWM3 — 0 1 — IOA2 — 0 0 0 1 — — IOA1 — 0 0 1 — — — IOA0 — 0 1 — — — — |