| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 204 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 204 Page - Renesas Technology Corp |
|
204 / 712 page ![]() 7. I/O Ports Rev.2.00 Mar. 22, 2007 Page 180 of 684 REJ09B0352-0200 Pin Pin Functions and Selection Method PB 3/ TP 11/ TIOCB 4 ITU channel 4 settings (bit PWM4 in TMDR, bit CMD1 in TFCR, bit EB4 in TOER, and bits IOB2 to IOB0 in TIOR4), bit NDER11 in NDERB, and bit PB 3DDR in PBDDR select the pin function as follows ITU channel 4 settings (1) in table below (2) in table below PB 3DDR — 0 1 1 NDER11 — — 0 1 Pin function TIOCB 4 output PB 3 input PB 3 output TP 11 output TIOCB 4 input* Note: * TIOCB 4 input when CMD1 = PWM4 = 0 and IOB2 = 1. ITU channel 4 settings (2) (2) (1) (2) (1) EB4 0 1 CMD1 — 0 1 IOB2 — 0 0 0 1 — IOB1 — 0 0 1 — — IOB0 — 0 1 — — — |