Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3021 Fiches technique(PDF) 33 Page - Renesas Technology Corp

No de pièce H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Fiches technique(HTML) 33 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 29Page - Renesas Technology Corp H8/3021 Datasheet HTML 30Page - Renesas Technology Corp H8/3021 Datasheet HTML 31Page - Renesas Technology Corp H8/3021 Datasheet HTML 32Page - Renesas Technology Corp H8/3021 Datasheet HTML 33Page - Renesas Technology Corp H8/3021 Datasheet HTML 34Page - Renesas Technology Corp H8/3021 Datasheet HTML 35Page - Renesas Technology Corp H8/3021 Datasheet HTML 36Page - Renesas Technology Corp H8/3021 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 712 page
background image
1. Overview
Rev.2.00 Mar. 22, 2007 Page 9 of 684
REJ09B0352-0200
Pin Name
Pin No.
Mode 1
Mode 3
Mode 5
Mode 6
Mode 7
51
EXTAL
EXTAL
EXTAL
EXTAL
EXTAL
52
XTAL
XTAL
XTAL
XTAL
XTAL
53
V
CC
V
CC
V
CC
V
CC
V
CC
54
AS
AS
AS
AS
P6
3
55
RD
RD
RD
RD
P6
4
56
WR
WR
WR
WR
P6
5
57
RESO/
FWE*
RESO/
FWE*
RESO/
FWE*
RESO/
FWE*
RESO/
FWE*
58
AV
SS
AV
SS
AV
SS
AV
SS
AV
SS
59
P7
0/AN0
P7
0/AN0
P7
0/AN0
P7
0/AN0
P7
0/AN0
60
P7
1/AN1
P7
1/AN1
P7
1/AN1
P7
1/AN1
P7
1/AN1
61
P7
2/AN2
P7
2/AN2
P7
2/AN2
P7
2/AN2
P7
2/AN2
62
P7
3/AN3
P7
3/AN3
P7
3/AN3
P7
3/AN3
P7
3/AN3
63
P7
4/AN4
P7
4/AN4
P7
4/AN4
P7
4/AN4
P7
4/AN4
64
P7
5/AN5
P7
5/AN5
P7
5/AN5
P7
5/AN5
P7
5/AN5
65
P7
6/AN6
P7
6/AN6
P7
6/AN6
P7
6/AN6
P7
6/AN6
66
P7
7/AN7
P7
7/AN7
P7
7/AN7
P7
7/AN7
P7
7/AN7
67
AV
CC
AV
CC
AV
CC
AV
CC
AV
CC
68
P8
0/IRQ0
P8
0/IRQ0
P8
0/IRQ0
P8
0/IRQ0
P8
0/IRQ0
69
P8
1/IRQ1
P8
1/IRQ1
P8
1/IRQ1
P8
1/IRQ1
P8
1/IRQ1
70
P9
1/TxD1
P9
1/TxD1
P9
1/TxD1
P9
1/TxD1
P9
1/TxD1
71
P9
3/RxD1
P9
3/RxD1
P9
3/RxD1
P9
3/RxD1
P9
3/RxD1
72
P9
5/SCK1/
IRQ
5
P9
5/SCK1/
IRQ
5
P9
5/SCK1/
IRQ
5
P9
5/SCK1/
IRQ
5
P9
5/SCK1/
IRQ
5
73
PA
0/TP0/
TCLKA
PA
0/TP0/
TCLKA
PA
0/TP0/
TCLKA
PA
0/TP0/
TCLKA
PA
0/TP0/
TCLKA
74
PA
1/TP1/
TCLKB
PA
1/TP1/
TCLKB
PA
1/TP1/
TCLKB
PA
1/TP1/
TCLKB
PA
1/TP1/
TCLKB
75
PA
2/TP2/
TIOCA
0/
TCLKC
PA
2/TP2/
TIOCA
0/
TCLKC
PA
2/TP2/
TIOCA
0/
TCLKC
PA
2/TP2/
TIOCA
0/
TCLKC
PA
2/TP2/
TIOCA
0/
TCLKC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More