| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 206 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 206 Page - Renesas Technology Corp |
|
206 / 712 page ![]() 7. I/O Ports Rev.2.00 Mar. 22, 2007 Page 182 of 684 REJ09B0352-0200 Pin Pin Functions and Selection Method PB 1/TP9/ TIOCB 3 ITU channel 3 settings (bit PWM3 in TMDR, bit CMD1 in TFCR, bit EB3 in TOER, and bits IOB2 to IOB0 in TIOR3), bit NDER9 in NDERB, and bit PB 1DDR in PBDDR select the pin function as follows ITU channel 3 settings (1) in table below (2) in table below PB 1DDR — 0 1 1 NDER9 — — 0 1 Pin TIOCB 3 output PB 1 input PB 1 output TP 9 output function TIOCB 3 input* Note: * TIOCB 3 input when CMD1 = PWM3 = 0 and IOB2 = 1. ITU channel 3 settings (2) (2) (1) (2) (1) EB3 0 1 CMD1 — 0 1 IOB2 — 0 0 0 1 — IOB1 — 0 0 1 — — IOB0 — 0 1 — — — |