Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3021 Fiches technique(PDF) 42 Page - Renesas Technology Corp

No de pièce H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Fiches technique(HTML) 42 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 38Page - Renesas Technology Corp H8/3021 Datasheet HTML 39Page - Renesas Technology Corp H8/3021 Datasheet HTML 40Page - Renesas Technology Corp H8/3021 Datasheet HTML 41Page - Renesas Technology Corp H8/3021 Datasheet HTML 42Page - Renesas Technology Corp H8/3021 Datasheet HTML 43Page - Renesas Technology Corp H8/3021 Datasheet HTML 44Page - Renesas Technology Corp H8/3021 Datasheet HTML 45Page - Renesas Technology Corp H8/3021 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 712 page
background image
2. CPU
Rev.2.00 Mar. 22, 2007 Page 18 of 684
REJ09B0352-0200
2.3
Address Space
The maximum address space of the H8/300H CPU is 16 Mbytes. This LSI allows selection of a
normal mode and advanced mode 1-Mbyte mode or 16-Mbyte mode for the address space
depending on the MCU operation mode. Figure 2.2 shows the address ranges of the H8/3022
Group. For further details see section 3.6, Memory Map in Each Operating Mode.
The 1-Mbyte operating mode uses 20-bit addressing. The upper 4 bits of effective addresses are
ignored.
H'000000
H'FFFFFF
(b) 16-Mbyte mode
(a) 1-Mbyte mode
2. Advanced mode
1. Normal mode
(64-Kbyte mode)*
Note: * Normal mode cannot be used with this LSI.
H'00000
H'FFFFF
H'0000
H'FFFF
Figure 2.2 Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More