Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3021 Fiches technique(PDF) 203 Page - Renesas Technology Corp

No de pièce H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Fiches technique(HTML) 203 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 199Page - Renesas Technology Corp H8/3021 Datasheet HTML 200Page - Renesas Technology Corp H8/3021 Datasheet HTML 201Page - Renesas Technology Corp H8/3021 Datasheet HTML 202Page - Renesas Technology Corp H8/3021 Datasheet HTML 203Page - Renesas Technology Corp H8/3021 Datasheet HTML 204Page - Renesas Technology Corp H8/3021 Datasheet HTML 205Page - Renesas Technology Corp H8/3021 Datasheet HTML 206Page - Renesas Technology Corp H8/3021 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 712 page
background image
7. I/O Ports
Rev.2.00 Mar. 22, 2007 Page 179 of 684
REJ09B0352-0200
Table 7.18
Port B Pin Functions
Pin
Pin Functions and Selection Method
PB
7/
TP
15/
ADTRG
Bit TRGE in ADCR, bit NDER15 in NDERB and bit PB7DDR in PBDDR select the pin
function as follows
PB7DDR
0
1
1
NDER15
—
0
1
Pin
PB
7 input
PB
7 output
TP
15 output
function
ADTRG input*
Notes: *
ADTRG input when TRGE = 1.
PB
5/
TP
13/
TOCXB
4
ITU channel 4 settings (bit CMD1 in TFCR and bit EXB4 in TOER), bit NDER13 in
NDERB, and bit PB
5DDR in PBDDR select the pin function as follows
EXB4,
CMD1
Not both 1
Both 1
PB
5DDR
0
1
1
—
NDER13
—
0
1
—
Pin function
PB
5 input
PB
5 output
TP
13 output
TOCXB
4 output
PB
4/
TP
12/
TOCXA
4
ITU channel 4 settings (bit CMD1 in TFCR and bit EXA4 in TOER), bit NDER12 in
NDERB, and bit PB
4DDR in PBDDR select the pin function as follows
EXA4,
CMD1
Not both 1
Both 1
PB
4DDR
0
1
1
—
NDER12
—
0
1
—
Pin function
PB
4 input
PB
4 output
TP
12 output
TOCXA
4 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More