| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 291 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 291 Page - Renesas Technology Corp |
|
291 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 259 of 1468 REJ09B0412-0200 9.7.4 Basic Timing (1) 2-State Access Space Figure 9.25 shows the bus timing when the byte control SRAM space is specified as a 2-state access space. Data buses used for 16-bit access space is the same as those in basic bus interface. No wait cycles can be inserted. B φ Address D15 to D8 D7 to D0 High level D15 to D8 D7 to D0 Bus cycle CSn AS RD LUB LLB DACK or EDACK BS RD/ WR RD RD/ WR T 1 T 2 Note: n = 0 to 7 Valid Valid Read Write Valid Valid Figure 9.25 16-Bit 2-State Access Space Bus Timing |