| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 191 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 191 Page - Renesas Technology Corp |
|
191 / 1504 page ![]() Section 7 Interrupt Controller Rev. 2.00 Sep. 24, 2008 Page 159 of 1468 REJ09B0412-0200 Yes Program execution state Interrupt generated? NMI Level 6 interrupt? Mask level 5 or below? Level 7 interrupt? Mask level 6 or below? Save PC, CCR, and EXR Clear T bit to 0 Update mask level Read vector address Branch to interrupt handling routine Pending Level 1 interrupt? Mask level 0? Yes Yes No Yes Yes Yes No Yes Yes No No No No No No Figure 7.4 Flowchart of Procedure Up to Interrupt Acceptance in Interrupt Control Mode 2 |