| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 172 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 172 Page - Renesas Technology Corp |
|
172 / 1504 page ![]() Section 7 Interrupt Controller Rev. 2.00 Sep. 24, 2008 Page 140 of 1468 REJ09B0412-0200 Bit Bit Name Initial Value R/W Description 13 12 IRQ14SR* IRQ14SF* 0 0 R/W R/W IRQ14 Sense Control Rise IRQ14 Sense Control Fall IRQ14 is used as the voltage monitoring interrupt in LVD. Set falling edge interrupt request for use. 00: Initial value 01: Interrupt request generated at falling edge of IRQ14 input 10: Setting is prohibited 11: Setting is prohibited 11 to 8 All 0 R/W Reserved These bits are always read as 0. The write value should always be 0. 7 6 IRQ11SR IRQ11SF 0 0 R/W R/W IRQ11 Sense Control Rise IRQ11 Sense Control Fall 00: Interrupt request generated by low level of IRQ11 01: Interrupt request generated at falling edge of IRQ11 10: Interrupt request generated at rising edge of IRQ11 11: Interrupt request generated at both falling and rising edges of IRQ11 5 4 IRQ10SR IRQ10SF 0 0 R/W R/W IRQ10 Sense Control Rise IRQ10 Sense Control Fall 00: Interrupt request generated by low level of IRQ10 01: Interrupt request generated at falling edge of IRQ10 10: Interrupt request generated at rising edge of IRQ10 11: Interrupt request generated at both falling and rising edges of IRQ10 |