| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 1493 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 1493 Page - Renesas Technology Corp |
|
1493 / 1504 page ![]() Rev. 2.00 Sep. 24, 2008 Page 1461 of 1468 REJ09B0412-0200 Index Numerics 0 output/1 output..................................... 733 0-output/1-output .................................... 733 16-bit access space.................................. 242 16-bit counter mode................................ 836 16-bit timer pulse unit (TPU) ................. 683 32K timer (TM32K) ............................... 845 8-bit access space.................................... 241 8-bit timers (TMR) ................................. 811 A A/D conversion accuracy...................... 1090 Absolute accuracy................................. 1090 Acknowledge........................................ 1050 Address error .......................................... 120 Address map ............................................. 87 Address mode ......................................... 531 Address modes................................ 402, 482 Address/data multiplexed I/O interface .......................................... 234, 270 All-module-clock-stop mode ...... 1236, 1261 Area 0 ..................................................... 236 Area 1 ..................................................... 237 Area 2 ..................................................... 237 Area 3 ..................................................... 238 Area 4 ..................................................... 238 Area 5 ..................................................... 239 Area 6 ..................................................... 239 Area 7 ..................................................... 240 Area division........................................... 229 Asynchronous mode ............................... 912 AT-cut parallel-resonance type............. 1227 Available output signal and settings in each port ................................................. 653 Average transfer rate generator............... 868 B B φ clock output control.........................1284 Basic bus interface .......................... 233, 244 Big endian ............................................... 232 Bit rate..................................................... 895 Bit synchronous circuit ......................... 1064 Block structure...................................... 1111 Block transfer mode................ 408, 487, 582 Boot mode................................... 1108, 1139 Boundary scan commands .................... 1209 Buffer operation ...................................... 738 Bulk-in transfer ..................................... 1019 Bulk-out transfer ................................... 1018 Burst access mode................................... 414 Burst mode.............................................. 492 Burst ROM interface....................... 233, 265 Bus access modes.................................... 413 Bus arbitration......................................... 367 Bus configuration.................................... 220 Bus controller (BSC)............................... 183 Bus cycle division ................................... 576 Bus mode ................................................ 491 Bus release .............................................. 360 Bus width ................................................ 232 Bus-released state...................................... 76 Byte control SRAM interface ......... 233, 257 C Cascaded connection............................... 836 Cascaded operation ................................. 742 Chain transfer.......................................... 583 Chip select signals................................... 230 Clock pulse generator ........................... 1221 Clock synchronization cycle (Tsy).......... 222 Clocked synchronous mode .................... 929 Cluster transfer dual address mode ......... 531 |