Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX/1663M Fiches technique(PDF) 1296 Page - Renesas Technology Corp

No de pièce H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Fiches technique(HTML) 1296 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1292Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1293Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1294Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1295Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1296Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1297Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1298Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1299Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1296 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1264 of 1468
REJ09B0412-0200
Table 28.2
Oscillation Settling Time Setting
P
φ* (MHz)
STS4 STS3 STS2 STS1 STS0
Standby
Time
35
25
20
13
10
8
Unit
0
Reserved
0
1
Reserved
0
Reserved
0
1
1
Reserved
0
Reserved
0
1
64
1.8
2.6
3.2
4.9
6.4
8.0
0
512
14.6
20.5
25.6
39.4
51.2
64.0
0
1
1
1
1024
29.3
41.0
51.2
78.8
102.4
128.0
0
2048
58.5
81.9
102.4
157.5
204.8
256.0
µs
0
1
4096
0.12
0.16
0.20
0.32
0.41
0.51
0
16384
0.47
0.66
0.82
1.26
1.64
2.05
0
1
1
32768
0.94
1.31
1.64
2.52
3.28
4.10
0
65536
1.87
2.62
3.28
5.04
6.55
8.19
0
1
131072
3.74
5.24
6.55
10.08
13.11
16.38
0
262144
7.49
10.49
13.11
20.16
26.21
32.77
0
1
1
1
1
524288
14.98
20.97
26.21
40.33
52.43
65.54
1
0
0
0
0
Reserved
ms
[Legend]
: Recommended setting when external clock is in use
: Recommended setting when crystal oscillator is in use
Note:
*
P
φ is the output from the peripheral module frequency divider. The oscillation settling
time, which includes a period where the oscillation by an oscillator is not stable,
depends on the resonator characteristics. The above figures are for reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More