Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX/1663M Fiches technique(PDF) 1232 Page - Renesas Technology Corp

No de pièce H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Fiches technique(HTML) 1232 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1228Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1229Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1230Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1231Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1232Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1233Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1234Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1235Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1232 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1200 of 1468
REJ09B0412-0200
(i)
User Boot MAT Blank Check
The boot program will check whether or not all user boot MATs are blank and return the result.
Command
H'4C
• Command, H'4C, (one byte): Blank check for user boot MAT
Response
H'06
• Response, H'06, (one byte): Response to the blank check of user boot MAT
If all user MATs are blank (H'FF), the boot program will return ACK.
Error Response
H'CC
H'52
• Error Response, H'CC, (one byte): Response to blank check for user boot MAT
• Error Code, H'52, (one byte): Erasure has not been completed.
(j)
User MAT Blank Check
The boot program will check whether or not all user MATs are blank and return the result.
Command
H'4D
• Command, H'4D, (one byte): Blank check for user MATs
Response
H'06
• Response, H'06, (one byte): Response to the blank check for user MATs
If the contents of all user MATs are blank (H'FF), the boot program will return ACK.
Error Response
H'CD
H'52
• Error Response, H'CD, (one byte): Error response to the blank check of user MATs.
• Error code, H'52, (one byte): Erasure has not been completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More