| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 1223 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 1223 Page - Renesas Technology Corp |
|
1223 / 1504 page ![]() Section 25 Flash Memory Rev. 2.00 Sep. 24, 2008 Page 1191 of 1468 REJ09B0412-0200 (8) Programming/Erasing State A programming selection command makes the boot program select the programming method, a 128-byte programming command makes it program the memory with data, and an erasing selection command and block erasing command make it erase the block. Table 25.16 lists the programming/erasing commands. Table 25.16 Programming/Erasing Commands Command Command Name Description H'42 User boot MAT programming selection Transfers the user boot MAT programming program H'43 User MAT programming selection Transfers the user MAT programming program H'50 128-byte programming Programs 128 bytes of data H'48 Erasing selection Transfers the erasing program H'58 Block erasing Erases a block of data H'52 Memory read Reads the contents of memory H'4A User boot MAT sum check Checks the checksum of the user boot MAT H'4B User MAT sum check Checks the checksum of the user MAT H'4C User boot MAT blank check Checks the blank data of the user boot MAT H'4D User MAT blank check Checks the blank data of the user MAT H'4C User boot MAT blank check Checks whether the contents of the user boot MAT are blank H'4D User MAT blank check Checks whether the contents of the user MAT are blank H'4F Boot program status inquiry Inquires into the boot program's status |