| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 119 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 119 Page - Renesas Technology Corp |
|
119 / 1504 page ![]() Section 3 MCU Operating Modes Rev. 2.00 Sep. 24, 2008 Page 87 of 1468 REJ09B0412-0200 3.3.8 Pin Functions Table 3.4 shows the pin functions in each operating mode. Table 3.4 Pin Functions in Each Operating Mode (Advanced Mode) Port A Port B Port F MCU Operating Mode PA7 PA6-3 PA2-0 PB7-1 PB0 Port D Port E PF4-0 PF7-5 Port H Port I 1 P*/C P*/C P*/C P*/C P*/C P*/A P*/A P*/A P*/A P*/D P*/D 2 P*/C P*/C P*/C P*/C P*/C P*/A P*/A P*/A P*/A P*/D P*/D 3 P*/C P*/C P*/C P*/C P*/C P*/A P*/A P*/A P*/A P*/D P*/D 4 P/C* P/C* P*/C P*/C P/C* A A A P*/A D P/D* 5 P/C* P/C* P*/C P*/C P/C* A A A P*/A D P*/D 6 P/C* P/C* P*/C P*/C P*/C P*/A P*/A P*/A P*/A D P*/D 7 P*/C P*/C P*/C P*/C P*/C P*/A P*/A P*/A P*/A P*/D P*/D [Legend] P: I/O port A: Address bus output D: Data bus input/output C: Control signals, clock input/output *: Immediately after a reset 3.4 Address Map 3.4.1 Address Map Figures 3.1 to 3.3 show the address map in each operating mode. |