| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 1135 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 1135 Page - Renesas Technology Corp |
|
1135 / 1504 page ![]() Section 24 RAM Rev. 2.00 Sep. 24, 2008 Page 1103 of 1468 REJ09B0412-0200 Section 24 RAM This LSI has a high-speed static RAM. The RAM is connected to the CPU by a 32-bit data bus, enabling one-state access by the CPU to all byte data, word data, and longword data. The RAM can be enabled or disabled by means of the RAME bit in the system control register (SYSCR). For details on SYSCR, refer to section 3.2.2, System Control Register (SYSCR). The RAM size is 56 Kbytes in the H8SX/1668R and H8SX/1668M, 40 Kbytes in the H8SX/1664R, H8SX/1664M, H8SX/1663R, and the H8SX/1663M. Product Classification RAM Size RAM Addresses H8SX/1663R H8SX/1663M H8SX/1664R H8SX/1664M 40 Kbytes H'FF2000 to H'FFBFFF Flash memory version H8SX/1668R H8SX/1668M 56 Kbytes H'FEE000 to H'FFBFFF |