| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 814 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 814 Page - Renesas Technology Corp |
|
814 / 1504 page ![]() Section 15 Programmable Pulse Generator (PPG) Rev. 2.00 Sep. 24, 2008 Page 782 of 1468 REJ09B0412-0200 • NDERH Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 NDER15 NDER14 NDER13 NDER12 NDER11 NDER10 NDER9 NDER8 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W Next Data Enable 15 to 8 When a bit is set to 1, the value in the corresponding NDRH bit is transferred to the PODRH bit by the selected output trigger. Values are not transferred from NDRH to PODRH for cleared bits. • NDERL Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 NDER7 NDER6 NDER5 NDER4 NDER3 NDER2 NDER1 NDER0 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W Next Data Enable 7 to 0 When a bit is set to 1, the value in the corresponding NDRL bit is transferred to the PODRL bit by the selected output trigger. Values are not transferred from NDRL to PODRL for cleared bits. |