| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 704 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 704 Page - Renesas Technology Corp |
|
704 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 672 of 1468 REJ09B0412-0200 13.3.7 Port Function Control Register 8 (PFCR8) PFCR8 selects the EXDMAC I/O pins ( EDREQ, EDACK, ETEND and EDRAK). Bit Bit Name Initial Value R/W 7 EDMAS3A 0 R/W 6 EDMAS3B 0 R/W 5 EDMAS2A 0 R/W 4 EDMAS2B 0 R/W 3 EDMAS1A 0 R/W 2 EDMAS1B 0 R/W 1 EDMAS0A 0 R/W 0 EDMAS0B 0 R/W Bit Bit Name Initial Value R/W Description 7 6 EDMAS3A EDMAS3B 0 0 R/W R/W EXDMAC Control Pin Select Select the I/O port to control EXDMAC_3. 00: Specify pins P33 to P35, P37 as EXDMAC control pin 01: Setting prohibited 10: Setting prohibited 11: Setting prohibited 5 4 EDMAS2A EDMAS2B 0 0 R/W R/W EXDMAC Control Pin Select Select the I/O port to control EXDMAC_2. 00: Specify pins P30 to P32, P36 as EXDMAC control pin 01: Setting prohibited 10: Setting prohibited 11: Setting prohibited 3 2 EDMAS1A EDMAS1B 0 0 R/W R/W EXDMAC Control Pin Select Select the I/O port to control EXDMAC_1. 00: Specify pins P14 to P17 as EXDMAC control pin 01: Specify pins P63 to P65 as EXDMAC control pin 10: Setting prohibited 11: Setting prohibited 1 0 EDMAS0A EDMAS0B 0 0 R/W R/W EXDMAC Control Pin Select Select the I/O port to control EXDMAC_0. 00: Specify pins P10 to P13 as EXDMAC control pin 01: Specify pins P60 to P62 as EXDMAC control pin 10: Setting prohibited 11: Setting prohibited |