| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 683 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 683 Page - Renesas Technology Corp |
|
683 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 651 of 1468 REJ09B0412-0200 13.2.16 Port M (1) PM4 The pin function is switched as shown below according to the combination of the USB register setting and PM4DDR bit setting. Setting USB I/O Port Module Name Pin Function PULLUP_E PM4DDR USB PULLUP control output 1 — PM4 output 0 1 I/O port PM4 input (initial value) 0 0 (2) PM3 The pin function is switched as shown below according to the combination of the PM3DDR bit setting. Setting I/O Port Module Name Pin Function PM3DDR PM3 output 1 I/O port PM3 input (initial value) 0 (3) PM2 The pin function is switched as shown below according to the combination of the PM2DDR bit setting. Setting I/O Port Module Name Pin Function PM2DDR PM2 output 1 I/O port PM2 input (initial value) 0 |