| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 669 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 669 Page - Renesas Technology Corp |
|
669 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 637 of 1468 REJ09B0412-0200 13.2.11 Port F (1) PF7/A23 The pin function is switched as shown below according to the combination of operating mode, the EXPE bit, the port function control register (PFCR), and the PF7DDR bit settings. Setting I/O Port Module Name Pin Function A23_OE PF7DDR Bus controller A23 output* 1 PF7 output 0 1 I/O port PF7 input (initial value) 0 0 Note: * Valid in external extended mode (EXPE = 1) (2) PF6/A22 The pin function is switched as shown below according to the combination of operating mode, the EXPE bit, the port function control register (PFCR), and the PF6DDR bit settings. Setting I/O Port Module Name Pin Function A22_OE PF6DDR Bus controller A22 output* 1 PF6 output 0 1 I/O port PF6 input (initial value) 0 0 Note: * Valid in external extended mode (EXPE = 1) |