| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 664 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 664 Page - Renesas Technology Corp |
|
664 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 632 of 1468 REJ09B0412-0200 (5) PB3/ CS3-A/CS7-A/CAS The pin function is switched as shown below according to the combination of operating mode and the EXPE bit, the bus controller register, the port function control register (PFCR), and the PB3DDR bit settings. Setting Bus Controller I/O Port Module Name Pin Function CAS_OE CS3A_OE CS7A_OE PB3DDR CAS output* 1 CS3-A output* 0 1 Bus controller CS7-A output* 0 1 PB3 output 0 0 0 1 I/O port PB3 input (initial value) 0 0 0 0 Note: * Valid in external extended mode (EXPE = 1) (6) PB2/ CS2-A/CS6-A/RAS The pin function is switched as shown below according to the combination of operating mode and the EXPE bit, the bus controller register, the port function control register (PFCR), and the PB2DDR bit settings. Setting Bus Controller I/O Port Module Name Pin Function RAS_OE CS2A_OE CS6A_OE PB2DDR RAS output* 1 CS2-A output* 0 1 Bus controller CS6-A output* 0 1 PB2 output 0 0 0 1 I/O port PB2 input (initial value) 0 0 0 0 Note: * Valid in external extended mode (EXPE = 1) |