| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 654 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 654 Page - Renesas Technology Corp |
|
654 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 622 of 1468 REJ09B0412-0200 13.2.4 Port 5 (1) P57/AN7/DA1/ IRQ7-B Module Name Pin Function D/A converter DA1 output (2) P56/AN6/DA0/ IRQ6-B Module Name Pin Function D/A converter DA0 output 13.2.5 Port 6 (1) P65/TMO3/ DACK3 /EDACK1-B/TCK The pin function is switched as shown below according to the combination of the EXDMAC, DMAC and TMR register settings and P65DDR bit setting. Setting EXDMAC DMAC TMR I/O Port Module Name Pin Function MCU Operation Mode EDACK1B_OE DACK3_OE TMO3_OE P65DDR EXDMAC EDACK1-B output 1 DMAC DACK3 output 0 1 TMR TMO3 output 0 0 1 P65 output 0 0 0 1 I/O port P65 input (initial value) Except for boundary scan enabled mode* 0 0 0 0 Note: * These pins are boundary scan dedicated input pins during boundary scan enabled mode. |