| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 643 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 643 Page - Renesas Technology Corp |
|
643 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 611 of 1468 REJ09B0412-0200 (4) P14/TxD5/IrTXD/ DREQ1-A/EDREQ1-A/IRQ4-A/TCLKA-B/SDA1 The pin function is switched as shown below according to the combination of the SCI, IrDA, and IIC2 register settings and P14DDR bit setting. Setting SCI IrDA IIC2 I/O Port Module Name Pin Function TxD5_OE IrTXD_OE SDA1_OE P14DDR SCI TxD5 output 1 — — — IrDA IrTXD output 0 1 — — IIC2 SDA1 input/output 0 0 1 — I/O port P14 output 0 0 0 1 P14 input (initial value) 0 0 0 0 (5) P13/ ADTRG0 -A/IRQ3-A/EDRAK0 The pin function is switched as shown below according to the register setting of EXDMAC and the P13DDR bit setting. Setting EXDMAC I/O Port Module Name Pin Function EDRAK0_OE P13DDR EXDMAC EDRAK0 output 1 — P13 output 0 1 I/O port P13 input (initial value) 0 0 |