| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 554 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 554 Page - Renesas Technology Corp |
|
554 / 1504 page ![]() Section 11 EXDMA Controller (EXDMAC) Rev. 2.00 Sep. 24, 2008 Page 522 of 1468 REJ09B0412-0200 B φ Bus cycle EDACK of current channel ETEND of current channel Transfer request of another channel EDREQ Last transfer cycle Bus release EXDMAC single transfer cycle EXDMAC single transfer cycle EXDMAC single transfer cycle EXDMAC cycle of another channel Bus release Figure 11.42 Auto-Request/Normal Transfer Mode/Burst Mode (Conflict with Another Channel/Single Address Mode) EXDMA Internal space Internal space EXDMA CPU EXDMA CPU EXDMA EXDMA Bus cycle CPU operation External space External space Figure 11.43 External Bus Master Cycle Steal Function (Auto-Request/Normal Transfer Mode/Burst Mode with CPU Cycles/Single Address Mode/EBCCS = 1) (3) External Request/Normal Transfer Mode/Cycle Steal Mode In external request mode, an EXDMA transfer cycle is started a minimum of three cycles after a transfer request is accepted. The next transfer request is accepted after the end of a one-transfer- unit EXDMA cycle. For external bus space CPU cycles, at least one bus cycle is generated before the next EXDMA cycle. If a transfer request is generated for another channel, an EXDMA cycle for the other channel is generated before the next EXDMA cycle. The EDREQ pin sensing timing is different for low level sensing and falling edge sensing. The same applies to transfer request acceptance and transfer start timing. |