| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663M Fiches technique(PDF) 386 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Fiches technique(HTML) 386 Page - Renesas Technology Corp |
|
386 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 354 of 1468 REJ09B0412-0200 (6) Relationship between Chip Select ( CS) Signal and Read (RD) Signal Depending on the system's load conditions, the RD signal may lag behind the CS signal. An example is shown in figure 9.98. In this case, with the setting for no idle cycle insertion (a), there may be a period of overlap between the RD signal in bus cycle A and the CS signal in bus cycle B. Setting idle cycle insertion, as in (b), however, will prevent any overlap between the RD and CS signals. In the initial state after reset release, idle cycle indicated in (b) is set. Bus cycle A Bus cycle B B φ Address bus CS (area A) CS (area B) RD T 1 T 2 T 3 T 1 T 2 Bus cycle A Bus cycle B T 1 T 2 T 3 T 1 T i T 2 Overlap time may occur between the CS (area B) and RD (a) No idle cycle inserted (IDLS1 = 0) (b) Idle cycle inserted (IDLS1 = 1, IDLSELn = 0, IDLCA1 = 0, IDLCA0 = 0) Figure 9.98 Relationship between Chip Select ( CS) and Read (RD) |