Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX/1663M Fiches technique(PDF) 347 Page - Renesas Technology Corp

No de pièce H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Fiches technique(HTML) 347 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 343Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 344Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 345Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 346Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 347Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 348Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 349Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 350Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 315 of 1468
REJ09B0412-0200
9.11.8
Controlling Precharge Cycle
When the time between the PALL or PRE command and the subsequent ACTV or REF command
does not meet a given specification, the Tp cycles can be extended by one to four cycles by bits
TPC1 and TPC0 in DRACCR. Set the bit according to the SDRAM to be used and the frequency
of this LSI so that the number of Tp cycles can be optimal.
Figures 9.65 and 9.66 show a timing example when the two Tp cycles are inserted.
Bits TPC1 and TPC0 are effective for the Tp cycle in a refresh cycle.
T
p1
T
p2
T
r
T
c1
T
cl
T
c2
Address bus
Row address
Column address
SDRAM
φ
CS
Precharge-sel
RAS
CAS
WE
CKE
PALL
ACTV
READ
NOP
NOP
DQMLU
DQMLL
D7 to D0
BS
RD/
WR
D15 to D8
Row
address
High
Figure 9.65 Read Timing Example of Two Precharge Cycles
(TPC1 = 0, TPC0 = 1, CAS Latency = 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More