| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX1663 Fiches technique(PDF) 124 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Fiches technique(HTML) 124 Page - Renesas Technology Corp |
|
124 / 1158 page ![]() Section 3 MCU Operating Modes Rev.1.00 Jun. 07, 2006 Page 72 of 1102 REJ09B0294-0100 3.3.6 Pin Functions Table 3.4 lists the pin functions in each operating mode. Table 3.4 Pin Functions in Each Operating Mode (Advanced Mode) Port Mode 2 Mode 4 Mode 5 Mode 6 Mode 7 Port A PA7 P*/C P/C* P/C* P/C* P*/C PA6 to PA3 P*/C P/C* P/C* P/C* P*/C PA2 to PA0 P*/C P*/C P*/C P*/C P*/C Port B PB7 to PB1 P*/C P*/C P*/C P*/C P*/C PB0 P*/C P/C* P/C* P*/C P*/C Port C PC3, PC2 P*/C P*/C P*/C P*/C P*/C Port D P*/A A A P*/A P*/A Port E P*/A A A P*/A P*/A Port F PF4 to PF0 P*/A A A P*/A P*/A PF7 to PF5 P*/A P*/A P*/A P*/A P*/A Port H P*/D D D D P*/D Port I P*/D P/D* P*/D P*/D P*/D [Legend] P: I/O port A: Address bus output D: Data bus input/output C: Control signals, clock input/output *: Immediately after a reset |