Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX1663 Fiches technique(PDF) 105 Page - Renesas Technology Corp

No de pièce H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Fiches technique(HTML) 105 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 101Page - Renesas Technology Corp H8SX1663 Datasheet HTML 102Page - Renesas Technology Corp H8SX1663 Datasheet HTML 103Page - Renesas Technology Corp H8SX1663 Datasheet HTML 104Page - Renesas Technology Corp H8SX1663 Datasheet HTML 105Page - Renesas Technology Corp H8SX1663 Datasheet HTML 106Page - Renesas Technology Corp H8SX1663 Datasheet HTML 107Page - Renesas Technology Corp H8SX1663 Datasheet HTML 108Page - Renesas Technology Corp H8SX1663 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 1158 page
background image
Section 2 CPU
Rev.1.00 Jun. 07, 2006 Page 53 of 1102
REJ09B0294-0100
Table 2.11
System Control Instructions
Instruction
Size
Function
TRAPA
—
Starts trap-instruction exception handling.
RTE
—
Returns from an exception-handling routine.
RTE/L
—
Returns from an exception-handling routine, restoring data from the stack
to multiple general registers.
SLEEP
—
Causes a transition to a power-down state.
B/W
#IMM
→ CCR, (EAs) → CCR, #IMM → EXR, (EAs) → EXR
Loads immediate data or the contents of a general register or a memory
location to CCR or EXR.
Although CCR and EXR are 8-bit registers, word-size transfers are
performed between them and memory. The upper 8 bits are valid.
LDC
L
Rs
→ VBR, Rs → SBR
Transfers the general register contents to VBR or SBR.
B/W
CCR
→ (EAd), EXR → (EAd)
Transfers the contents of CCR or EXR to a general register or memory.
Although CCR and EXR are 8-bit registers, word-size transfers are
performed between them and memory. The upper 8 bits are valid.
STC
L
VBR
→ Rd, SBR → Rd
Transfers the contents of VBR or SBR to a general register.
ANDC
B
CCR
∧ #IMM → CCR, EXR ∧ #IMM → EXR
Logically ANDs the CCR or EXR contents with immediate data.
ORC
B
CCR
∨ #IMM → CCR, EXR ∨ #IMM → EXR
Logically ORs the CCR or EXR contents with immediate data.
XORC
B
CCR
⊕ #IMM → CCR, EXR ⊕ #IMM → EXR
Logically exclusive-ORs the CCR or EXR contents with immediate data.
NOP
—
PC
+ 2 → PC
Only increments the program counter.