| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX1663 Fiches technique(PDF) 710 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Fiches technique(HTML) 710 Page - Renesas Technology Corp |
|
710 / 1158 page ![]() Section 15 Serial Communication Interface (SCI, IrDA, CRC) Rev.1.00 Jun. 07, 2006 Page 658 of 1102 REJ09B0294-0100 15.2 Input/Output Pins Table 15.2 lists the pin configuration of the SCI. Table 15.2 Pin Configuration Channel Pin Name* I/O Function SCK0 I/O Channel 0 clock input/output RxD0 Input Channel 0 receive data input 0 TxD0 Output Channel 0 transmit data output SCK1 I/O Channel 1 clock input/output RxD1 Input Channel 1 receive data input 1 TxD1 Output Channel 1 transmit data output SCK2 I/O Channel 2 clock input/output RxD2 Input Channel 2 receive data input 2 TxD2 Output Channel 2 transmit data output SCK3 I/O Channel 3 clock input/output RxD3 Input Channel 3 receive data input 3 TxD3 Output Channel 3 transmit data output SCK4 I/O Channel 4 clock input/output RxD4 Input Channel 4 receive data input 4 TxD4 Output Channel 4 transmit data output RxD5/IrRxD Input Channel 5 receive data input 5 TxD5/IrTxD Output Channel 5 transmit data output RxD6 Input Channel 6 receive data input 6 TxD6 Output Channel 6 transmit data output Note: * Pin names SCK, RxD, and TxD are used in the text for all channels, omitting the channel designation. |