| Moteur de recherche de fiches techniques de composants électroniques |
|
H8S2245 Fiches technique(PDF) 287 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 Fiches technique(HTML) 287 Page - Renesas Technology Corp |
|
287 / 818 page ![]() Section 8 I/O Ports Rev.3.00 Mar. 26, 2007 Page 245 of 772 REJ09B0355-0300 Mode 6 In mode 6, port A pins function as address outputs or input ports. Input or output can be specified on an individual bit basis. Setting a PADDR bit to 1 makes the corresponding port A pin an address output, while clearing the bit to 0 makes the pin an input port. Note: Mode 6 cannot be used in the H8S/2240. Port A pin functions in mode 6 are shown in figure 8.9. A19 A18 A17 A16 PA3 PA2 PA1 PA0 (input) (input) (input) (input) (output) (output) (output) (output) Port A When PADDR = 1 When PADDR = 0 Figure 8.9 Port A Pin Functions (Mode 6) |