| Moteur de recherche de fiches techniques de composants électroniques |
|
H8S2245 Fiches technique(PDF) 225 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 Fiches technique(HTML) 225 Page - Renesas Technology Corp |
|
225 / 818 page ![]() Section 7 Data Transfer Controller Rev.3.00 Mar. 26, 2007 Page 183 of 772 REJ09B0355-0300 7.2.3 DTC Source Address Register (SAR) 23 22 21 20 19 43210 Bit Initial value : : — Unde- fined R/W : — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined SAR is a 24-bit register that designates the source address of data to be transferred by the DTC. For word-size transfer, specify an even source address. 7.2.4 DTC Destination Address Register (DAR) 23 22 21 20 19 43210 Bit Initial value : : — Unde- fined R/W : — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined DAR is a 24-bit register that designates the destination address of data to be transferred by the DTC. For word-size transfer, specify an even destination address. |