| Moteur de recherche de fiches techniques de composants électroniques |
|
H8S2245 Fiches technique(PDF) 207 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 Fiches technique(HTML) 207 Page - Renesas Technology Corp |
|
207 / 818 page ![]() Section 6 Bus Controller Rev.3.00 Mar. 26, 2007 Page 165 of 772 REJ09B0355-0300 Figure 6.18 shows an example of wait state insertion timing. By program wait T1 Address bus φ AS RD Data bus Read data Read HWR, LWR Write data Write Note: indicates the timing of WAIT pin sampling. WAIT Data bus T2 Tw Tw Tw T3 By WAIT pin Figure 6.18 Example of Wait State Insertion Timing The settings after a power-on reset are: 3-state access, 3 program wait state insertion, and WAIT input disabled. When a manual reset is performed, the contents of bus controller registers are retained, and the wait control settings remain the same as before the reset. |