| Moteur de recherche de fiches techniques de composants électroniques |
|
H8S2245 Fiches technique(PDF) 193 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 Fiches technique(HTML) 193 Page - Renesas Technology Corp |
|
193 / 818 page ![]() Section 6 Bus Controller Rev.3.00 Mar. 26, 2007 Page 151 of 772 REJ09B0355-0300 6.4.1 On-Chip Memory (ROM, RAM) Access Timing On-chip memory is accessed in one state. The data bus is 16 bits wide, permitting both byte and word transfer instruction. Figure 6.4 shows the on-chip memory access cycle. Figure 6.5 shows the pin states. T1 φ Internal address bus Bus cycle Address Read data Write data Internal read signal Internal data bus Internal write signal Internal data bus Read access Write access Figure 6.4 On-Chip Memory Access Cycle Bus cycle T1 Unchanged Address bus AS RD HWR, LWR Data bus φ High High High High-impedance state Figure 6.5 Pin States during On-Chip Memory Access |