Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8S2245 Fiches technique(PDF) 142 Page - Renesas Technology Corp

No de pièce H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Fiches technique(HTML) 142 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 138Page - Renesas Technology Corp H8S2245 Datasheet HTML 139Page - Renesas Technology Corp H8S2245 Datasheet HTML 140Page - Renesas Technology Corp H8S2245 Datasheet HTML 141Page - Renesas Technology Corp H8S2245 Datasheet HTML 142Page - Renesas Technology Corp H8S2245 Datasheet HTML 143Page - Renesas Technology Corp H8S2245 Datasheet HTML 144Page - Renesas Technology Corp H8S2245 Datasheet HTML 145Page - Renesas Technology Corp H8S2245 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 818 page
background image
Section 4 Exception Handling
Rev.3.00 Mar. 26, 2007 Page 100 of 772
REJ09B0355-0300
4.4
Trap Instruction
Trap instruction exception handling starts when a TRAPA instruction is executed. Trap instruction
exception handling can be executed at all times in the program execution state.
The TRAPA instruction fetches a start address from a vector table entry corresponding to a vector
number from 0 to 3, as specified in the instruction code.
Table 4.4 shows the status of CCR after execution of trap instruction exception handling.
Table 4.4
Status of CCR after Trap Instruction Exception Handling
CCR
Interrupt Control Mode
I
UI
01
—
11
1
Legend:
1: Set to 1
—: Retains value prior to execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More