| Moteur de recherche de fiches techniques de composants électroniques |
|
H8S2245 Fiches technique(PDF) 132 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 Fiches technique(HTML) 132 Page - Renesas Technology Corp |
|
132 / 818 page ![]() Section 3 MCU Operating Modes Rev.3.00 Mar. 26, 2007 Page 90 of 772 REJ09B0355-0300 Modes 4 and 5 (advanced expanded modes with on-chip ROM disabled) Mode 6 (advanced expanded mode with on-chip ROM enabled) Mode 7 (advanced single-chip mode) External address space On-chip ROM Reserved area On-chip RAM*2 Notes: Internal I/O registers On-chip ROM External address space External address space On-chip RAM*2 Reserved area*2 Reserved area*2 On-chip RAM Internal I/O registers Internal I/O registers Internal I/O registers Internal I/O registers External address space External address space Internal I/O registers External address space H'000000 H'000000 H'000000 H'01FFFF H'020000 H'FFDC00 H'FFFBFF H'FFFC00 H'FFFFFF H'FFDC00 H'FFEC00 H'FFEC00 H'FFFBFF H'FFFC00 H'FFFFFF H'FFEC00 H'FFFBFF H'FFFFFF H'FFFF08 H'FFFF08 H'FFFE40 H'FFFF07 H'FFFF28 H'FFFF28 H'FFFF28 External address space/reserved area*1 H'FFFE3F H'FFFE3F H'00FFFF H'010000 H'007FFF H'007FFF H'008000 When the EAE bit in BCRL is set to 1, this area is external address space. When the EAE bit is cleared to 0, it is reserved. External addresses can be accessed by clearing the RAME bit in SYSCR to 0. 1. 2. Figure 3.6 H8S/2241 Memory Map in Each Operating Mode (cont) |