| Moteur de recherche de fiches techniques de composants électroniques |
|
H8S2245 Fiches technique(PDF) 107 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 Fiches technique(HTML) 107 Page - Renesas Technology Corp |
|
107 / 818 page ![]() Section 2 CPU Rev.3.00 Mar. 26, 2007 Page 65 of 772 REJ09B0355-0300 Bus cycle T1 T2 Unchanged Address bus AS RD HWR, LWR Data bus φ High High High High-impedance state Figure 2.20 Pin States during On-Chip Supporting Module Access 2.9.4 External Address Space Access Timing The external address space is accessed with an 8-bit or 16-bit data bus width in a two-state or three-state bus cycle. In three-state access, wait states can be inserted. For further details, refer to section 6, Bus Controller. |